PART |
Description |
Maker |
KDV214VA |
VSC PACKAGE
|
KEC(Korea Electronics)
|
KDZ5.1VV KDZ2.2VV KDZ3.6VV KDZ4.7VV KDZ2.4VV KDZ9. |
SILICON EPITAXIAL PLANAR DIODE 5.65 V, 0.1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE VSC, 2 PIN 8.19 V, 0.1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE VSC, 2 PIN 2.05 V, 0.1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE VSC, 2 PIN 6.79 V, 0.1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE VSC, 2 PIN 5.09 V, 0.1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE VSC, 2 PIN 6.2 V, 0.1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE VSC, 2 PIN 7.45 V, 0.1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE VSC, 2 PIN 4.3 V, 0.1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE VSC, 2 PIN 3.9 V, 0.1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
KEC(Korea Electronics) KEC Holdings Solid State Devices, Inc. GSI Technology, Inc.
|
BA1701 A5801041 |
From old datasheet system VSC system processor IC
|
ROHM[Rohm]
|
SPC-GB-EZX-39CNA SPC-GB-EZX-61CDA SPC-GB-EZX-61CNA |
FIBER OPTIC TRANSCEIVER, 1505-1518nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1525-1538nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1345-1358nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1385-1398nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1465-1478nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1325-1338nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1605-1618nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1425-1438nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1265-1278nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1305-1318nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1285-1298nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1545-1558nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1365-1378nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1485-1498nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1445-1458nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1585-1598nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1405-1418nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1565-1578nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 CWDM 120 Km Gigabit Ethernet SFP Transceiver
|
Vectron International, Inc. Cypress Semiconductor Corp. Cypress Semiconductor, Corp. Mini-Circuits NXP Semiconductors N.V. http:// Source Photonics, Inc.
|
IR25XB02H IR25XB04H IR25XB06H IR25XB08H |
25.0 Amps Single Phase Full Wave 二十五点?安培单相全 600V Bridge in a IR25XB package 200V Bridge in a IR25XB package 800V Bridge in a IR25XB package 400V Bridge in a IR25XB package
|
International Rectifier, Corp.
|
M48Z512AV-85PM1 M48Z512AV-85PM6 M48Z512AY-7-PM1 M4 |
4 Mbit (512 Kbit x 8) ZEROPOWER SRAM 2A Standard Fixed Output LDO Regulators; Package: TO220FP-3; Constitution materials list: Packing style: Tube packaging; Package quantity: 50; Minimum package quantity: 500;
|
意法半导
|
M25P40-VMP3G/X M25P40-VMN3P/X M25P40-VMN6TG/X M25P |
4 Mbit Uniform Sector, Serial Flash Memory 4兆位统一部门,串行闪 2A Standard Fixed Output LDO Regulators with Shutdown Switch; Package: TO220FP-5; Constitution materials list: Packing style: Tube packaging; Package quantity: 50; Minimum package quantity: 500; 4兆位,低电压,串行闪存的50兆赫SPI总线接口内存
|
意法半导 STMicroelectronics N.V.
|
150KSR60ANBSP 150K30ANBSP 150K20A 150KS60A 150KSR2 |
STANDARD RECOVERY DIODES Stud Version 标准恢复二极管螺柱版 From old datasheet system 200V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 400V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 800V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 600V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 100V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 1000V 150A Std. Recovery Diode in a DO-205AC (DO-30)package
|
Littelfuse, Inc. International Rectifier, Corp.
|
AM29DL162DT120WCE AM29DL162DT120WCEN AM29DL163DB12 |
400V Single N-Channel Hi-Rel MOSFET in a TO-205AF package; A JANTXV2N6792 with Standard Packaging x8/x16 Flash EEPROM 100V Single N-Channel Hi-Rel MOSFET in a TO-205AF package; A IRLF120 with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a TO-204AE package; A IRF460 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF310 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY140CM with Standard Packaging 60V Single N-Channel Hi-Rel MOSFET in a D3 package; A IRFMJ044 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY9140CM with Standard Packaging x8/x16闪存EEPROM 55V Single N-Channel Hi-Rel MOSFET in a TO-257AA package; A IRF5YZ48CM with Standard Packaging x8/x16闪存EEPROM 400V Single N-Channel Hi-Rel MOSFET in a TO-205AF package; A JANTXV2N6786 with Standard Packaging EEPROM -100V Single P-Channel Hi-Rel MOSFET in a TO-257AA package; A IRF5Y9540CM with Standard Packaging x8/x16闪存EEPROM -100V Single P-Channel Hi-Rel MOSFET in a TO-204AA package; A IRF9130 with Standard Packaging x8/x16闪存EEPROM 100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6782U with Standard Packaging x8/x16闪存EEPROM 1000V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRFAG40 with Standard Packaging EEPROM
|
PLX Technology, Inc.
|
EFRQ1200480R40-026 EFRQ600240R40-026 EFRQ1200480D5 |
CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-MQFP T&R Single Event Hardened High-Speed, Dual Output PWM; Temperature Range: -55°C to 125°C; Package: 16-SBDIP General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 14-PDIP CMOS Octal Bus Transceiver; Temperature Range: -40°C to 85°C; Package: 20-CerDIP CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-PLCC T&R General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 8-SOIC General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 8-PDIP General Purpose Timers; Temperature Range: -55°C to 125°C; Package: 14-CerDIP CMOS Programmable Interval Timer; Temperature Range: -40°C to 85°C; Package: 24-CerDIP CMOS 8-Bit/16-Bit Microprocessor; Temperature Range: -40°C to 85°C; Package: 40-PDIP CMOS Priority Interrupt Controller; Temperature Range: -40°C to 85°C; Package: 28-CerDIP CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-MQFP
|
Honeywell International, Inc. Air Cost Control
|
BYP35A0506 BYP35A05 BYP35A1 BYP35A2 BYP35A3 BYP35A |
35 A, 300 V, SILICON, RECTIFIER DIODE METAL PACKAGE-1 35 A, 50 V, SILICON, RECTIFIER DIODE METAL PACKAGE-1 35 A, 100 V, SILICON, RECTIFIER DIODE METAL PACKAGE-1 35 A, 600 V, SILICON, RECTIFIER DIODE METAL PACKAGE-1 35 A, 200 V, SILICON, RECTIFIER DIODE METAL PACKAGE-1 35 A, 400 V, SILICON, RECTIFIER DIODE METAL PACKAGE-1 Silicon Press-Fit-Diodes
|
Semikron International
|
|